PART |
Description |
Maker |
2SA1627AL-L-T60-K |
1000 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-126
|
UNISONIC TECHNOLOGIES CO LTD
|
JANS2N2906A JAN2N2907A JANTX2N2907A JANTX2N2907AL |
PNP SMALL SIGNAL SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 64 x 18 asynchronous FIFO memory 56-SSOP 0 to 70 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
FMMT2907R FMMT2907A FMMT2907AR FMMT2907 MT2907AR |
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC Zetex Semiconductor PLC ETC Zetex Semiconductors DIODES INC
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
2N4403TAR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2N5401 2N5401RL1 2N5401RLRA 2N5401RLRAG 2N5401RLRM |
Amplifier Transistors 600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Amplifier PNP
|
ONSEMI[ON Semiconductor]
|
PHAWOS1000/1850/5KS-DR PHAWOS1000/1850/5KS-ST PHAW |
CAPACITOR, FILM/FOIL, 1000 V, 59 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 500 V, 54 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 60 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 57 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 97 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 45 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 750 V, 49 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 500 V, 73 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 750 V, 36 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 265 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 27 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 354 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 78 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 171 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 422 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 37 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 141 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 134 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 81 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 105 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1500 V, 18 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 124 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 350 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 236 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 48 uF, CHASSIS MOUNT
|
Vishay Intertechnology, Inc.
|
2SK4070 2SK40701-S27-AY 2SK4070-S15-AY 2SK4070-ZK- |
1000 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251AA MOS FIELD EFFECT TRANSISTOR
|
NEC
|
KSP2907AIUTA |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SB1115A-T1 |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
UFMMTL718TA |
1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC
|
|